Part Number Hot Search : 
C5030F0 IN7440D 21620 W3H32M64 PSA40W D1815 75XKCT C7805
Product Description
Full Text Search
 

To Download CEP-1173 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Part No: CEP-1173 Description: piezo audio transducer
Date: 6/25/2007 Unit: mm Page No: 1 of 4
Specifications
Resonant frequency Operating voltage Current consumption Sound pressure level Rated voltage Tone Operating temperature Storage temperature Dimensions Weight Material Terminal RoHS 3.3 KHz 0.5 3 ~ 28 V dc 7 mA max. at 12 V dc 82 db min. at 30 cm / 12 V dc 12 V dc Continuous -30 ~ +80 C -40 ~ +95 C o32.0 x H13.5 mm 7.4 g max. ABS UL-94 1/16" HB (Black) Wire type yes
Appearance Drawing
Tolerance: 0.5
---M red wire blue wire ---F black wire ---G
Phone: 800.275.4899
Fax: 503.612.2381
www.cui.com
20050 SW 112th Ave.
Tualatin, OR 97062
Part No: CEP-1173 Description: piezo audio transducer
Date: 6/25/2007 Unit: mm Page No: 2 of 4
Measurement Method
Phone: 800.275.4899
Fax: 503.612.2381
www.cui.com
20050 SW 112th Ave.
Tualatin, OR 97062
Part No: CEP-1173 Description: piezo audio transducer
Date: 6/25/2007 Unit: mm Page No: 3 of 4
Mechanical Characteristics
Item Solderability (Connector excepted) Terminal Mechanical Strength Test Condition Stripped wires of lead wires are immersed in rosin for 5 seconds and then immersed in a solder bath of +270 5C for 3 0.5 seconds. The pull force should be applied to the double lead wire: Horizontal 3.0N (0.306kg) for 30 seconds Vertical 2.0N (0.204kg) for 30 seconds The buzzer shall be measured after applying a vibration amplitude of 1.5 mm with 10 to 55 Hz band of vibration frequency to each of the 3 perpendicular directions for 2 hours. The part will be dropped from a height of 75 cm onto a 40 mm thick wooden board 3 times in 3 axes (X, Y, Z) for a total of 9 drops. Evaluation Standard 90% min. of the stripped wires will be wet with solder. (Except the edge of the terminal) No damage or cutting off.
Vibration
Drop Test
The value of oscillation frequency/current consumption should be 10% of the initial measurements. The SPL should be within 10dB compared with the initial measurement.
Environment Test
Item High temp. test Low temp. test Humidity test Temp. cycle test Test Condition After being placed in a chamber at +95C for 240 hours. After being placed in a chamber at -40C for 240 hours. After being placed in a chamber at +40C and 905% relative humidity for 240 hours. The part shall be subjected to 5 cycles. One cycle will consist of: Evaluation Standard
The buzzer will be measured after being placed at +25C for 4 hours. The value of the oscillation frequency/current consumption should be 10% compared to the initial measurements. The SPL should be within 10dB compared to the initial measurements.
Phone: 800.275.4899
Fax: 503.612.2381
www.cui.com
20050 SW 112th Ave.
Tualatin, OR 97062
Part No: CEP-1173 Description: piezo audio transducer
Date: 6/25/2007 Unit: mm Page No: 4 of 4
Reliability Test
Item Operating (Life Test) Test Condition 1. Continuous life test: The part will be subjected to 48 hours of continuous operation at +65C with rated voltage applied. 2. Intermittent life test: A duty cycle of 1 minute on, 1 minute off, a minimum of 5,000 times at room temp (+25 2C) with rated voltage applied. Evaluation Standard The buzzer will be measured after being placed at +25C for 4 hours. The value of the oscillation frequency/current consumption should be 10% compared to the initial measurements. The SPL should be within 10dB compared to the initial measurements.
Test Conditions
Standard Test Condition Judgement Test Condition a) Tempurature: +5 ~ +35C a) Tempurature: +25 2C b) Humidity: 45 - 85% b) Humidity: 60 - 70% c) Pressure: 860-1060 mbar c) Pressure: 860-1060 mbar
Packaging
Phone: 800.275.4899
Fax: 503.612.2381
www.cui.com
20050 SW 112th Ave.
Tualatin, OR 97062


▲Up To Search▲   

 
Price & Availability of CEP-1173

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X